Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download HDSP-561A-00000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description these slim font seven segment displays incorporate a new slim font character design. this slim font features narrow width, specially mitered segments to give a fuller appearance to the illuminated character. faces of these displays are painted a neutral gray for enhanced on/off contrast. agilent hdsp-301x/303x series hdsp-561x/563x series 10 mm and 13 mm slim font seven segment displays data sheet features excellent appearance slim font design mitered corners, evenly illuminated segments gray face for optimum on/off contrast choice of colors: her, green, yellow, and algaas choice of character size: 10 mm and 13 mm characterized for luminous intensity devices her green yellow algaas hdsp- hdsp- hdsp- hdsp- description 301e 301g 301y 301a common anode, 10 mm display 303e 303g 303y 303a common cathode, 10 mm display 561e 561g 561y 561a common anode, 13 mm display 563e 563g 563y 563a common cathode, 13 mm display all devices are available in either common anode or common cathode configuration with right hand decimal point.
2 part numbering system 5082 - x xx x - x x x xx hdsp - x xx x - x x x xx mechanical options [1] 00: no mechanical option color bin options [1,2] 0: no color bin limitation maximum intensity bin [1,2] 0: no maximum intensity bin limitation minimum intensity bin [1,2] 0: no minimum intensity bin limitation device configuration/color [1] a: algaas red e: high efficiency red g: green y: yellow device specific configuration [1] refer to respective data sheet package [1] refer to respective data sheet notes: 1. for codes not listed in the figure above, please refer to the respective data sheet or contact your nearest agilent represen tative for details. 2. bin options refer to shippable bins for a part-number. color and intensity binbs are typically restricted to 1 bin per tube (exceptions may apply). please refer to respective data sheet for specific bin limit information.
3 hdsp-301x/303x series pin function 1g 2f 3 common a/c 4e 5d 6dp 7c 8 common a/c 9b 10 a 12.80 0.25 (0.504) 7.00 0.25 (0.276) 6.40 0.25 (0.252) 10.40 min. (0.409) luminous intensity category pin 6 note: qdsp-399g does not have pin 6. country of origin color bin date code 9.70 0.25 (0.382) top side front view right side 0.30 0.05 (0.012) 7.62 0.38 (0.300) 1.20 (0.047) 6.00 (0.236) 10.00 0.90 (0.035) 10.00 (0.394) 1.85 (0.073) 4 x 2.54 (0.400) 0.53 0.05 (0.021) 2.54 0.38 (0.100) a dp b c f e g d 1 2 3 4 5 10 9 8 7 6 hdsp-xxxx yww xz coo + + + + + + + + + +
4 hdsp-561x/563x series pin function 1e 2d 3 common a/c 4c 5dp 6b 7a 8 common a/c 9f 10 g 12.25 0.25 (0.482) 1.25 (0.049) 7.40 (0.292) 1.25 (0.049) 10 13.00 (0.512) 17.50 0.3/ 0.25 (0.689) 6.40 0.25 (0.252) 7.00 0.25 (0.276) 3.60 0.3 (0.142) 15.24 0.3 (0.600) 0.29 0.08 typ. (0.011) 45 a dp b c f e g d 10 9 8 7 6 123 4 5 0.58 0.08 (0.023) 3.59 0.3 typ. (0.141) 2.54 0.3 typ. (0.100) notes: 1. all dimensions are in millimeters (inches). 2. unless otherwise stated, tolerances are 0.25 mm.
5 absolute maximum ratings description her green yellow algaas units average power per segment or dp 105 105 105 37 mw peak forward current per segment or dp 90 90 90 45 ma dc forward current per segment or dp 30 30 30 15 ma operating temperature range ?0 to +80 ?0 to +80 ?0 to +80 ?0 to +80 ?c storage temperature range ?0 to +80 ?0 to +80 ?0 to +80 ?0 to +80 ?c reverse voltage per segment or dp 5 5 5 5 v wavesoldering temperature for 3 seconds 250 250 250 250 ?c 1.59 mm below body notes: 1. derate above 33?c at 0.34 ma/?c for her. 2. derate above 27?c at 0.32 ma/?c for green. 3. derate above 30?c at 0.33 ma/?c for yellow. 4. derate above 60?c at 0.25 ma/?c for algaas. her device series hdsp- parameter symbol min. typ. max. units test conditions 561/563e luminous intensity/segment i v 1.100 1.800 mcd i f = 10 ma (digit average) forward voltage/segment v f 1.90 2.50 v i f = 20 ma or dp peak wavelength peak 635 nm i f = 20 ma dominant wavelength d 625 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin electrical/optical characteristics at t a = 25?c her device series hdsp- parameter symbol min. typ. max. units test conditions 301/303e luminous intensity/segment i v 1.100 1.800 mcd i f = 10 ma (digit average) forward voltage/segment v f 1.90 2.50 v i f = 20 ma or dp peak wavelength peak 635 nm i f = 20 ma dominant wavelength d 625 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin
6 green device series hdsp- parameter symbol min. typ. max. units test conditions 301/303g luminous intensity/segment i v 1.800 2.800 mcd i f = 10 ma (digit average) forward voltage/segment v f 2.25 2.50 v i f = 20 ma or dp peak wavelength peak 568 nm i f = 20 ma dominant wavelength d 573 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin green device series hdsp- parameter symbol min. typ. max. units test conditions 561/563g luminous intensity/segment i v 1.800 2.800 mcd i f = 10 ma (digit average) forward voltage/segment v f 2.25 2.50 v i f = 20 ma or dp peak wavelength peak 568 nm i f = 20 ma dominant wavelength d 573 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin yellow device series hdsp- parameter symbol min. typ. max. units test conditions 301/303y luminous intensity/segment i v 1.100 1.800 mcd i f = 10 ma (digit average) forward voltage/segment v f 2.15 2.50 v i f = 20 ma or dp peak wavelength peak 589 nm i f = 20 ma dominant wavelength d 590 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin
7 algaas device series hdsp- parameter symbol min. typ. max. units test conditions 301/303a luminous intensity/segment i v 0.280 0.450 mcd i f = 1 ma (digit average) forward voltage/segment v f 1.80 2.20 v i f = 20 ma or dp peak wavelength peak 660 nm i f = 20 ma dominant wavelength d 643 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin yellow device series hdsp- parameter symbol min. typ. max. units test conditions 561/563y luminous intensity/segment i v 1.800 2.800 mcd i f = 10 ma (digit average) forward voltage/segment v f 2.15 2.50 v i f = 20 ma or dp peak wavelength peak 589 nm i f = 20 ma dominant wavelength d 590 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin notes: 1. typical specification for reference only. do not exceed absolute maximum ratings. 2. the dominant wavelength, , is derived from the cie chromaticity diagram and is that single wavelength which defines the color of the device. algaas device series hdsp- parameter symbol min. typ. max. units test conditions 561/563a luminous intensity/segment i v 0.280 0.450 mcd i f = 1 ma (digit average) forward voltage/segment v f 1.80 2.20 v i f = 20 ma or dp peak wavelength peak 660 nm i f = 20 ma dominant wavelength d 643 nm i f = 20 ma reverse current i r 100 av r = 5 v thermal resistance led r j?in 351.5 ?c/w/seg. junction-to-pin notes: 1. typical specification for reference only. do not exceed absolute maximum ratings. 2. the dominant wavelength, , is derived from the cie chromaticity diagram and is that single wavelength which defines the color of the device.
8 hdsp-301e/303e/561e/563e iv bin category min. max. i 1.100 2.200 k 1.800 3.600 hdsp-561y/563y iv bin category min. max. k 1.800 3.600 l 2.800 5.600 hdsp-301y/303y iv bin category min. max. i 1.100 2.200 k 1.800 3.600 hdsp-301a/303a/561a/563a iv bin category min. max. f 0.280 0.560 g 0.450 0.900 hdsp-301g/303g/561g/563g iv bin category min. max. k 1.800 3.600 l 2.800 5.600 intensity bin limits (mcd) green yellow her algaas red dominant wavelength (nm) color bin min. max. green 3 570.00 574.50 4 567.00 571.50 yellow 2 586.50 590.00 3 584.00 587.50 color categories note: 1. all categories are established for classification of products. products may not be available in all categories. please contact your agilent representatives for further clarification/information. yellow
9 figure 1. maximum allowable dc current vs. ambient temperature. figure 2. forward current vs. forward voltage. figure 3. relative luminous intensity vs. dc forward current. hdsp-301x/303x series contrast enhancement for information on contrast enhancement, please see application note 1015. soldering/cleaning cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, figure 4. maximum allowable dc current vs. ambient temperature. figure 5. forward current vs. forward voltage. figure 6. relative luminous intensity vs. dc forward current. hdsp-561x/563x series i dc maximum dc current per segment ma 10 0 t a ambient temperature c 20 80 100 30 60 40 10 20 5 15 25 45 30 50 70 90 r j = 770 c/w 110120 0 35 40 yellow green her algaas i f forward current per segment ma 0.0 0 v f forward voltage v 120 60 3.0 5.0 80 20 1.0 4.0 40 green her 2.0 100 yellow algaas i dc maximum dc current per segment ma 10 0 t a ambient temperature c 20 80 100 30 60 40 10 20 5 15 25 45 30 50 70 90 r j = 770 c/w 110120 0 35 40 yellow green her algaas i f forward current per segment ma 0.0 0 v f forward voltage v 120 60 3.0 5.0 80 20 1.0 4.0 40 green her 2.0 100 yellow algaas trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning led parts. all of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic led parts. for information on soldering leds, please refer to application note 1027. green relative luminous intensity (normalized to 1 at 5 ma for her and yellow and to 1 at 10 ma for green) 0 0 i f dc forward current ma 20 40 10 30 5152535 yellow 12 6 8 2 4 10 her algaas green relative luminous intensity (normalized to 1 at 5 ma for her and yellow and to 1 at 10 ma for green) 0 0 i f dc forward current ma 20 40 10 30 5152535 yellow 12 6 8 2 4 10 her algaas
www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new zealand: (+65) 6755 1939 japan: (+81 3) 3335-8152(domestic/interna- tional), or 0120-61-1280(domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright ?2005 agilent technologies, inc obsoletes 5988-4352en march 25, 2005 5989-2834en


▲Up To Search▲   

 
Price & Availability of HDSP-561A-00000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X